Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 39Page - STMicroelectronics STCOM10 Datasheet HTML 40Page - STMicroelectronics STCOM10 Datasheet HTML 41Page - STMicroelectronics STCOM10 Datasheet HTML 42Page - STMicroelectronics STCOM10 Datasheet HTML 43Page - STMicroelectronics STCOM10 Datasheet HTML 44Page - STMicroelectronics STCOM10 Datasheet HTML 45Page - STMicroelectronics STCOM10 Datasheet HTML 46Page - STMicroelectronics STCOM10 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
DocID028515 Rev 1
43/58
STCOM
Electrical characteristics
58
4
Electrical characteristics
4.1
Absolute maximum ratings
Table 9. Absolute maximum ratings - voltage
Symbol
Parameter
Min.
Max.
Unit
PVCC
Line driver supply voltage range
PGND -0.3
20
V
AVDD_5V
5 V internal regulator voltage range
AGND -0.3
Min. (5.5, PVCC +0.3)
V
AVDD_5V_AFE,
AVDD_5V_PGA,
AVDD_5V_TXDRV
5 V PLC AFE supply voltage range
AGND -0.3
Min. (5.5, PVCC +0.3)
V
AVDD_3 V3_DAC
3.3 V PLC AFE supply voltage range
AGND -0.3
5.2
V
DVDD_3 V3_IO,
DVD_3 V3_REG
I/O supply voltage range
GND-0.3
5.2
V
DVDD_3 V3_QFS
3.3 V QFS supply voltage range
DGND -0.3
5.2
V
DVDD_1V2,
DVDD_1V2_FLASH
1.2 V digital supply voltage range
GND -0.3
2.4
V
DVDD_1V2_QFS
1.2 V QFS supply voltage range
GND -0.3
2.4
V
ADC_VREFP
General purpose ADC positive reference
voltage range
GND -0.3
Min. (5.2,
DVDD_3V3_IO + 0.3)
V
ADC_VREFN
General purpose ADC negative
reference voltage range
GND -0.3
Min. (5.2,
DVDD_3V3_IO + 0.3)
V
VBAT
VBAT voltage range
GND -0.3
5.2
V
DGND, AGND
Variations between different ground pins
GND -0.3
GND +0.3
V
PGND
Variations between different ground pins
AGND -0.3
AGND +0.3
V
V(DIG_IN)
Input voltage range
GND -0.3
Min. (5.2,
DVDD_3V3_IO + 0.3)
V
PA_OUT
PA output pins voltage range
PGND -0.3
Min. (20, PVCC +0.3)
V
PA_IN
PA input pins voltage range
AGND -0.3
Min. (20, PVCC +0.3)
V
RX_IN
RX_IN input pins voltage range
-5.5
9
V
ZC_IN
ZC_IN voltage range
-5.5
Min. (5.5,
AVDD_5V_ AFE +0.3)
V
DAC_OUT
DAC output pins voltage range
AGND -0.3
Min. (5.2,
AVDD_5V_ AFE +0.3)
V
TXDRV_OUT
TXDRV output voltage range
AGND -0.3
Min (. 5.5,
AVDD_5V_ AFE +0.3)
V
CSF
CSF pin voltage range
AGND-0.3
AVDD_5V +0.3
V
V(MCLK)
24 MHz oscillator pins voltage range
GND-0.3
Min. (5.2,
DVDD_3 V3_IO+0.3)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com