Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 7 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 3Page - STMicroelectronics L2G3IS Datasheet HTML 4Page - STMicroelectronics L2G3IS Datasheet HTML 5Page - STMicroelectronics L2G3IS Datasheet HTML 6Page - STMicroelectronics L2G3IS Datasheet HTML 7Page - STMicroelectronics L2G3IS Datasheet HTML 8Page - STMicroelectronics L2G3IS Datasheet HTML 9Page - STMicroelectronics L2G3IS Datasheet HTML 10Page - STMicroelectronics L2G3IS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DocID024950 Rev 3
7/26
L2G3IS
Block diagrams and pin description
26
1.2
Pin description
Figure 3. Pin connections
Table 2. Pin description
Pin#
Name
Function
1
Vdd_IO
Power supply for I/O pins
2
Res
Connect to GND
3
Res
Connect to GND
4
GND
0 V power supply
5
Res
Leave unconnected
6
Res
Connect to GND
7
DRDY
Data ready signal (open-drain pad)
8
Res
Leave unconnected
9
Res
Leave unconnected
10
SDI/SDO
Data-in, data-out line
11
SCL
Clock line for SPI interface
12
CS
SPI chip-select line
13
Reg
Capacitance connection pin for internal regulator
14
Cap
Capacitance connection pin for internal charge pump
15
Vdd
Power supply
16
Vdd
Power supply
Vdd_IO
Res
Res
GND
CS
SCL
SDI/SDO
Res
1
8
12
5
4
9
13
BOTTOM
VIEW
(TOP VIEW)
DIRECTIONS OF THE
DETECTABLE
ANGULAR RATES
X
Y
+Ω
+Ω
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com