Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 22 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics L2G3IS Datasheet HTML 23Page - STMicroelectronics L2G3IS Datasheet HTML 24Page - STMicroelectronics L2G3IS Datasheet HTML 25Page - STMicroelectronics L2G3IS Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Register description
L2G3IS
22/26
DocID024950 Rev 3
7.10
CTRL_TEMP (20h)
To enable writing to the CTRL_TEMP (20h) register, the REG_EN bit in CTRL_REG1 (0Bh)
has to be set to ‘1’.
7.11
OUT_TEMP (26h)
Table 28. CTRL_TEMP register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
0(1)
TEMP_EN 1(2)
2. This bit must be left at ‘1’ for proper operation of the device.
0(1)
0(1)
Table 29. CTRL_TEMP description
TEMP_EN
Temperature sensor enable. Default 0
(0: temperature sensor is disabled; 1: temperature sensor is enabled).
Refer to: Section 2.4: Temperature sensor on how to enable and read the
temperature sensor output data.
Table 30. OUT_TEMP register
Temp7
Temp6
Temp5
Temp4
Temp3
Temp2
Temp1
Temp0
Table 31. OUT_TEMP description
Temp7-Temp0
Temperature data. The value is expressed as two’s complement left-justified.
The output of the temperature sensor is 0 at 25 °C.
Refer to: Section 2.4: Temperature sensor on how to enable and read the
temperature sensor output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com