Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 18 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 14Page - STMicroelectronics L2G3IS Datasheet HTML 15Page - STMicroelectronics L2G3IS Datasheet HTML 16Page - STMicroelectronics L2G3IS Datasheet HTML 17Page - STMicroelectronics L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Register description
L2G3IS
18/26
DocID024950 Rev 3
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
angular rate data. The register address, consisting of 7 bits, is used to identify them and to
write the data through the serial interface.
7.1
OUT_X_L (03h), OUT_X_H (04h)
X-axis angular rate data. The value is expressed as two’s complement.
7.2
OUT_Y_L (05h), OUT_Y_H (06h)
Y-axis angular rate data. The value is expressed as two’s complement.
7.3
STATUS_REG (09h)
7.4
CTRL_REG1 (0Bh)
Table 10. STATUS_REG register
YXOR
XOR
YOR
0
YXDA
XDA
YDA
0
Table 11. STATUS_REG description
YXOR
X, Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data has overwritten the previous data before it was
read)
XOR
X-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the X-axis has overwritten the previous data)
YOR
Y-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Y-axis has overwritten the previous data)
YXDA
X, Y-axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
XDA
X-axis new data available. Default value: 0
(0: new data for the X-axis is not yet available; 1: new data for the X-axis is available)
YDA
Y-axis new data available. Default value: 0
(0: new data for the Y-axis is not yet available;1: new data for the Y-axis is available)
Table 12. CTRL_REG1 register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
0(1)
BDU
REG_EN
PW1
PW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com