Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 9 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 5Page - STMicroelectronics L2G3IS Datasheet HTML 6Page - STMicroelectronics L2G3IS Datasheet HTML 7Page - STMicroelectronics L2G3IS Datasheet HTML 8Page - STMicroelectronics L2G3IS Datasheet HTML 9Page - STMicroelectronics L2G3IS Datasheet HTML 10Page - STMicroelectronics L2G3IS Datasheet HTML 11Page - STMicroelectronics L2G3IS Datasheet HTML 12Page - STMicroelectronics L2G3IS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID024950 Rev 3
9/26
L2G3IS
Mechanical and electrical characteristics
26
3
Mechanical and electrical characteristics
3.1
Mechanical characteristics
Vdd = 3.3 V and T = 25 °C unless otherwise noted(a).
a. The product is factory calibrated at 3.3 V. The operational power supply range is specified in Table 4.
Table 3. Mechanical characteristics
Symbol
Parameter
Test condition
Min.
Typ.(1)
Max.
Unit
FS
Measurement range
±65
dps
±130
So
Sensitivity
FS = ±65 dps
225
LSb/dps
FS = ±130 dps
112.5
SoDr
Sensitivity change vs.
temperature
From -40 °C to +85 °C
±3
%
DVoff
Digital zero-rate level
±5
dps
OffDr
Zero-rate level change
vs. temperature
From -40 °C to +85 °C
±9
dps
NL
Non-linearity(2)
Best-fit straight line
±0.1
% FS
Rn
Rate noise density(2)
0 - 20 Hz bandwidth
0.006
BW
Internal bandwidth
LPF set to ‘1’
370
Hz
PhDl
Phase delay
At 20 Hz (370 Hz BW selected)
4.5
deg
ODR
Digital output data rate
9.5
kHz
Top
Operating temperature
range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Guaranteed by design.
dps
Hz




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com