Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 12 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 8Page - STMicroelectronics L2G3IS Datasheet HTML 9Page - STMicroelectronics L2G3IS Datasheet HTML 10Page - STMicroelectronics L2G3IS Datasheet HTML 11Page - STMicroelectronics L2G3IS Datasheet HTML 12Page - STMicroelectronics L2G3IS Datasheet HTML 13Page - STMicroelectronics L2G3IS Datasheet HTML 14Page - STMicroelectronics L2G3IS Datasheet HTML 15Page - STMicroelectronics L2G3IS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Mechanical and electrical characteristics
L2G3IS
12/26
DocID024950 Rev 3
3.4
SPI - serial peripheral interface
Subject to general operating conditions for Vdd and Top.
Figure 4. SPI slave timing diagram
Note:
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both input and output
ports.
Table 6. SPI slave timing values
Symbol
Parameter
Value(1)
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
6
tdis(SO)
SDO output disable time
50
1. Values are guaranteed at 10 MHz clock frequency for SPI, based on characterization results, not tested in production.
SPC
CS
SDI/SDO
tsu(CS)
tv(SO)
th(SO)
th(SI)
tsu(SI)
th(CS)
tdis(SO)
tc(SPC)
MSB IN
MSB OUT
LSB OUT
LSB IN
(3)
(3)
(3)
(3)
SDI/SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com