Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 13 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 9Page - STMicroelectronics L2G3IS Datasheet HTML 10Page - STMicroelectronics L2G3IS Datasheet HTML 11Page - STMicroelectronics L2G3IS Datasheet HTML 12Page - STMicroelectronics L2G3IS Datasheet HTML 13Page - STMicroelectronics L2G3IS Datasheet HTML 14Page - STMicroelectronics L2G3IS Datasheet HTML 15Page - STMicroelectronics L2G3IS Datasheet HTML 16Page - STMicroelectronics L2G3IS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID024950 Rev 3
13/26
L2G3IS
Mechanical and electrical characteristics
26
3.5
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
AVdd
Supply voltage
-0.3 to 4.8
V
HAVdd
Supply voltage
-0.3 to 4.8
V
Vdd_IO
Vdd IO
-0.3 to Vdd
V
Vin
Input voltage on:
(CS, SDI/SDO, SCL)
-0.3 to Vdd_IO +0.1
V
TSTG
Storage temperature range
-40 to +125
°C
Sg
Acceleration g for 0.1 ms
10,000
g
ESD
Electrostatic discharge protection
2 (HBM)
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com