Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 20 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 16Page - STMicroelectronics L2G3IS Datasheet HTML 17Page - STMicroelectronics L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics L2G3IS Datasheet HTML 23Page - STMicroelectronics L2G3IS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Register description
L2G3IS
20/26
DocID024950 Rev 3
7.7
ORIENT_CONFIG (10h)
7.8
CTRL_REG4 (15h)
To enable writing to the CTRL_REG4 (15h) register, the REG_EN bit in CTRL_REG1 (0Bh)
has to be set to ‘1’.
Table 18. CTRL_REG3 description
LPF
Low-pass filter cutoff frequency selection. Default value 0. (0: 120 Hz; 1: 370 Hz).
If LPF2 in CTRL_REG5 (1Fh) is set to ‘1’, the cutoff frequency is set to 240 Hz,
independently of the value of LPF.
Table 19. Low-pass filter cutoff frequency
LPF
LPF2 (CTRL_REG5 (1Fh))
Low-pass filter cutoff frequency selection
0
0
120 Hz
1
0
370 Hz
0
1
240 Hz
1
1
240 Hz
Table 20. ORIENT_CONFIG register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
Sign_x
Sign_y
0(1)
Orient_2
Orient_1
Orient_0
Table 21. ORIENT_CONFIG description
Sign_x
X-axis angular rate sign. Default 0.
(0: sign unvaried; 1: sign inverted)
Sign_y
Y-axis angular rate sign. Default 0.
(0: sign unvaried; 1: sign inverted)
Orient[2:0]
Directional orientation selection. Default 000.
Refer to Table 22: Directional orientation selection.
Table 22. Directional orientation selection
Orient_2
Orient_1
Orient_0
Directional orientation selection
0
0
0
x-axis - y-axis
0
1
0
y-axis - x-axis
Table 23. CTRL_REG4 register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
DRDY_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com