Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 17 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 13Page - STMicroelectronics L2G3IS Datasheet HTML 14Page - STMicroelectronics L2G3IS Datasheet HTML 15Page - STMicroelectronics L2G3IS Datasheet HTML 16Page - STMicroelectronics L2G3IS Datasheet HTML 17Page - STMicroelectronics L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
DocID024950 Rev 3
17/26
L2G3IS
Output register mapping
26
6
Output register mapping
The table given below provides a listing of the 8-bit registers embedded in the device and
the related addresses.
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
To guarantee proper behavior of the device, all register addresses not listed in the above
table must not be accessed and the content stored in those registers must not be changed.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
Table 9. Register address map
Name
Type
Register
address
[Hex]
Default
[Hex]
Comment
Reserved
--
00-02
--
Reserved
OUT_X_L
r
03
output
OUT_X_H
r
04
output
OUT_Y_L
r
05
output
OUT_Y_H
r
06
output
Reserved
r
07-08
--
Reserved
STATUS_REG
r
09
output
Reserved
--
0A
--
Reserved
CTRL_REG1
rw
0B
01
CTRL_REG2
rw
0C
00
CTRL_REG3
rw
0D
00
ORIENT_CONFIG
rw
10
00
Reserved
--
11-14
--
Reserved
CTRL_REG4
rw
15
00
Reserved
--
16-1E
--
Reserved
CTRL_REG5
rw
1F
00
CTRL_TEMP
rw
20
04
Reserved
--
21-25
--
Reserved
OUT_TEMP
r
26
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com