Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 19 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 15Page - STMicroelectronics L2G3IS Datasheet HTML 16Page - STMicroelectronics L2G3IS Datasheet HTML 17Page - STMicroelectronics L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics L2G3IS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID024950 Rev 3
19/26
L2G3IS
Register description
26
7.5
CTRL_REG2 (0Ch)
7.6
CTRL_REG3 (0Dh)
Table 13. CTRL_REG1 description
BDU
Block data update. Default value: 0.
(0: output registers not updated until MSB and LSB have been read;
1: output registers updated continuously)
REG_EN
Enables writing to CTRL_REG4 (15h), CTRL_REG5 (1Fh) and CTRL_TEMP
(20h). Default value: 0
(1: enable write values in CTRL_REG4 (15h), CTRL_REG5 (1Fh)) and CTRL_-
TEMP (20h))
PW[1:0]
Operating mode selection. Default: 01.
Refer to Table 14: Operating mode selection.
Table 14. Operating mode selection
PW1
PW0
Operating mode selection
0
0
Power-down
0
1
Power-down
1
0
Sleep mode
1
1
Normal mode
Table 15. CTRL_REG2 register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
HPFreset0 HPFreset1
0(1)
SWreset
HPF
Table 16. CTRL_REG2 description
HPFreset0
High-pass filter reset. Default: 0
To reset the HPF, HPFreset1 or HPFreset0 has to be set to 1.
(1: HPF reset on X-axis and Y-axis)
HPFreset1
High-pass filter reset. Default: 0
To reset the HPF, HPFreset1 or HPFreset0 has to be set to 1.
(1: HPF reset on X-axis and Y-axis)
SWreset
Software reset. Default: 0.
(1: all control and output register values are restored to default values).
HPF
High-pass filter enable. Default: 0.
(0: high-pass filter is disabled; 1: high-pass filter is enabled)
Table 17. CTRL_REG3 register
0(1)
1. These bits must be set to ‘0’ for proper operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
LPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com