Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2G3IS Datasheet(PDF) 21 Page - STMicroelectronics

Part # L2G3IS
Description  MEMS motion sensor: two-axis digital output gyroscope for optical image stabilization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2G3IS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L2G3IS Datasheet HTML 17Page - STMicroelectronics L2G3IS Datasheet HTML 18Page - STMicroelectronics L2G3IS Datasheet HTML 19Page - STMicroelectronics L2G3IS Datasheet HTML 20Page - STMicroelectronics L2G3IS Datasheet HTML 21Page - STMicroelectronics L2G3IS Datasheet HTML 22Page - STMicroelectronics L2G3IS Datasheet HTML 23Page - STMicroelectronics L2G3IS Datasheet HTML 24Page - STMicroelectronics L2G3IS Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DocID024950 Rev 3
21/26
L2G3IS
Register description
26
7.9
CTRL_REG5 (1Fh)
To enable writing to the CTRL_REG5 (1Fh) register, the REG_EN bit in CTRL_REG1 (0Bh)
has to be set to ‘1’.
Table 24. CTRL_REG4 description
DRDY_EN
Data ready enable on DRDY pin. Default 0.
(1: DRDY on pin). Refer to Section 2.3: Synchronous reading.
Table 25. CTRL_REG5 register
--
--
--
--
FS
LPF2
HPF_BW1
HPF_BW0
Table 26. CTRL_REG5 description
FS
Full-scale selection. Default value: 0
(0: ±65 dps; 1: ±130 dps)
LPF2
Enable low-pass filter 240 Hz. Default 0.
If LPF2 is enabled, the cutoff frequency is set to 240 Hz, independently of the
value of the LPF bit in CTRL_REG3 (0Dh).
Refer to Table 19: Low-pass filter cutoff frequency.
HPF_BW[1:0]
Digital high-pass filter cutoff frequency selection. Default value 00.
Refer to Table 27: High-pass filter cutoff frequency selection
Table 27. High-pass filter cutoff frequency selection
HPF_BW1
HPF_BW0
HP cutoff frequency selection
0
0
0.02 Hz
0
1
0.08 Hz
1
0
4.85 Hz
1
1
39.6 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com