Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 57Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 58Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 59Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 60Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 61Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 62Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 63Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 64Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
DocID028370 Rev 4
61/104
LSM6DS3H
Register description
104
9.19
CTRL8_XL (17h)
Linear acceleration sensor control register 8 (r/w).
Table 65. Gyroscope high-pass filter mode configuration
HPCF_G1
HPCF_G0
High-pass filter cutoff frequency
0
0
0.0081 Hz
0
1
0.0324 Hz
1
0
2.07 Hz
1
1
16.32 Hz
Table 66. CTRL8_XL register
LPF2_XL_
EN
HPCF_
XL1
HPCF_
XL0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
HP_SLOPE_X
L_EN
0(1)
LOW_PASS
_ON_6D
Table 67. CTRL8_XL register description
LPF2_XL_EN
Accelerometer low-pass filter LPF2 selection. Refer to Figure 7.
HPCF_XL[1:0]
Accelerometer slope filter and high-pass filter configuration and cutoff
setting. Refer to Table 68. It is also used to select the cutoff frequency of the
LPF2 filter, as shown in Table 69. This low-pass filter can also be used in the
6D/4D functionality by setting the LOW_PASS_ON_6D bit of CTRL8_XL
(17h) to 1.
HP_SLOPE_XL_EN Accelerometer slope filter / high-pass filter selection. Refer to Figure 7.
LOW_PASS_ON_6D Low-pass filter on 6D function selection. Refer to Figure 7.
Table 68. Accelerometer slope and high-pass filter selection and cutoff frequency
HPCF_XL[1:0]
Applied filter
HP filter cutoff frequency [Hz]
00
Slope
ODR_XL/4
01
High-pass
ODR_XL/100
10
High-pass
ODR_XL/9
11
High-pass
ODR_XL/400
Table 69. Accelerometer LPF2 cutoff frequency
HPCF_XL[1:0]
LPF2 digital filter cutoff frequency [Hz]
00
ODR_XL/50
01
ODR_XL/100
10
ODR_XL/9
11
ODR_XL/400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com