Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 98 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 94Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 95Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 96Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 97Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 98Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 99Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 100Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 101Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
Embedded functions registers description
LSM6DS3H
98/104
DocID028370 Rev 4
11.29
MAG_OFFY_L (2Fh)
Offset for Y-axis hard-iron compensation register (r/w). The value is expressed as a 16-bit
word in two’s complement.
11.30
MAG_OFFY_H (30h)
Offset for Y-axis hard-iron compensation register (r/w). The value is expressed as a 16-bit
word in two’s complement.
11.31
MAG_OFFZ_L (31h)
Offset for Z-axis hard-iron compensation register (r/w). The value is expressed as a 16-bit
word in two’s complement.
11.32
MAG_OFFZ_H (32h)
Offset for Z-axis hard-iron compensation register (r/w). The value is expressed as a 16-bit
word in two’s complement.
Table 266. MAG_OFFY_L register
MAG_OFF
Y_L_7
MAG_OFF
Y_L_6
MAG_OFF
Y_L_5
MAG_OFF
Y_L_4
MAG_OFF
Y_L_3
MAG_OFF
Y_L_2
MAG_OFF
Y_L_1
MAG_OFF
Y_L_0
Table 267. MAG_OFFY_L register description
MAG_OFFY_L_[7:0]
Offset for Y-axis hard-iron compensation. Default value: 00000000
Table 268. MAG_OFFY_H register
MAG_OFF
Y_H_7
MAG_OFF
Y_H_6
MAG_OFF
Y_H_5
MAG_OFF
Y_H_4
MAG_OFF
Y_H_3
MAG_OFF
Y_H_2
MAG_OFF
Y_H_1
MAG_OFF
Y_H_0
Table 269. MAG_OFFY_L register description
MAG_OFFY_H_[7:0] Offset for Y-axis hard-iron compensation. Default value: 00000000
Table 270. MAG_OFFZ_L register
MAG_OFF
Z_L_7
MAG_OFF
Z_L_6
MAG_OFF
Z_L_5
MAG_OFF
Z_L_4
MAG_OFF
Z_L_3
MAG_OFF
Z_L_2
MAG_OFF
Z_L_1
MAG_OFF
Z_L_0
Table 271. MAG_OFFZ_L register description
MAG_OFFZ_L_[7:0] Offset for Z-axis hard-iron compensation. Default value: 00000000
Table 272. MAG_OFFZ_H register
MAG_OFF
Z_H_7
MAG_OFF
Z_H_6
MAG_OFF
Z_H_5
MAG_OFF
Z_H_4
MAG_OFF
Z_H_3
MAG_OFF
Z_H_2
MAG_OFF
Z_H_1
MAG_OFF
Z_H_0
Table 273. MAG_OFFX_L register description
MAG_OFFZ_H_[7:0]
Offset for Z-axis hard-iron compensation. Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com