Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 87 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 83Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 84Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 85Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 86Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 87Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 88Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 89Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 90Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
DocID028370 Rev 4
87/104
LSM6DS3H
Embedded functions register mapping
104
10
Embedded functions register mapping
The table given below provides a list of the registers for the embedded functions available in
the device and the corresponding addresses. Embedded functions registers are accessible
when FUNC_CFG_EN is set to ‘1’ in FUNC_CFG_ACCESS (01h).
Note:
All modifications of the content of the embedded functions registers have to be performed
with the device in power-down mode.
Table 209. Registers address map - embedded functions
Name
Type
Register address
Default
Comment
Hex
Binary
SLV0_ADD
r/w
02
00000010
00000000
SLV0_SUBADD
r/w
03
00000011
00000000
SLAVE0_CONFIG
r/w
04
00000100
00000000
SLV1_ADD
r/w
05
00000101
00000000
SLV1_SUBADD
r/w
06
00000110
00000000
SLAVE1_CONFIG
r/w
07
00000111
00000000
SLV2_ADD
r/w
08
00001000
00000000
SLV2_SUBADD
r/w
09
00001001
00000000
SLAVE2_CONFIG
r/w
0A
00001010
00000000
SLV3_ADD
r/w
0B
00001011
00000000
SLV3_SUBADD
r/w
0C
00001100
00000000
SLAVE3_CONFIG
r/w
0D
00001101
00000000
DATAWRITE_SRC_
MODE_SUB_SLV0
r/w
0E
00001110
00000000
PEDO_THS_REG
r/w
0F
00001111
00010000
RESERVED
-
10-12
-
Reserved
SM_THS
r/w
13
00010011
00000110
PEDO_DB_REG
r/w
14
00010100
01101110
STEP_COUNT_DELTA
r/w
15
00010101
00000000
MAG_SI_XX
r/w
24
00100100
00001000
MAG_SI_XY
r/w
25
00100101
00000000
MAG_SI_XZ
r/w
26
00100110
00000000
MAG_SI_YX
r/w
27
00100111
00000000
MAG_SI_YY
r/w
28
00101000
00001000
MAG_SI_YZ
r/w
29
00101001
00000000
MAG_SI_ZX
r/w
2A
00101010
00000000
MAG_SI_ZY
r/w
2B
00101011
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com