Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 67 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 63Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 64Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 65Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 66Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 67Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 68Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 69Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 70Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
DocID028370 Rev 4
67/104
LSM6DS3H
Register description
104
9.28
OUTX_L_G (22h)
Angular rate sensor pitch axis (X) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
If this register is read by the primary interface, data are according to the full scale and ODR
settings (CTRL2_G (11h)) of gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale (250 dps)
and ODR (3.33 kHz) settings of the OIS gyro.
9.29
OUTX_H_G (23h)
Angular rate sensor pitch axis (X) angular rate output register (r). The value is expressed as
a 16-bit word in two’s complement.
If this register is read by the primary interface, data are according to the full scale and ODR
settings (CTRL2_G (11h)) of gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale (250 dps)
and ODR (3.33 kHz) settings of the OIS gyro.
9.30
OUTY_L_G (24h)
Angular rate sensor roll axis (Y) angular rate output register (r). The value is expressed as a
16-bit word in two’s complement.
If this register is read by the primary interface, data are according to the full scale and ODR
settings (CTRL2_G (11h)) of gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale (250 dps)
and ODR (3.33 kHz) settings of the OIS gyro.
Table 89. OUTX_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 90. OUTX_L_G register description
D[7:0]
Pitch axis (X) angular rate value (LSbyte)
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I2C: Gyro UI chain pitch axis output
SPI2: Gyro OIS chain pitch axis output
Table 91. OUTX_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 92. OUTX_H_G register description
D[15:8]
Pitch axis (X) angular rate value (MSbyte)
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I2C: Gyro UI chain pitch axis output
SPI2: Gyro OIS chain pitch axis output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com