Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 93 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 89Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 90Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 91Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 92Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 93Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 94Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 95Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 96Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
DocID028370 Rev 4
93/104
LSM6DS3H
Embedded functions registers description
104
11.12
SLAVE3_CONFIG (0Dh)
Fourth external sensor (Sensor4) configuration register (r/w).
11.13
DATAWRITE_SRC_MODE_SUB_SLV0 (0Eh)
Data to be written into the slave device register (r/w).
Table 232. SLAVE3_CONFIG register
Slave3_
rate1
Slave3_
rate0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
Slave3_
numop2
Slave3_
numop1
Slave3_
numop0
Table 233. SLAVE3_CONFIG register description
Slave3_rate[1:0]
Decimation of read operation on Sensor4 starting from the sensor hub trigger.
Default value: 00
(00: no decimation
01: update every 2 samples
10: update every 4 samples
11: update every 8 samples)
Slave3_numop[2:0]
Number of read operations on Sensor4.
Table 234. DATAWRITE_SRC_MODE_SUB_SLV0 register
Slave_
dataw7
Slave_
dataw6
Slave_
dataw5
Slave_
dataw4
Slave_
dataw3
Slave_
dataw2
Slave_
dataw1
Slave_
dataw0
Table 235. DATAWRITE_SRC_MODE_SUB_SLV0 register description
Slave_dataw[7:0]
Data to be written into the slave device according to the rw_0 bit in SLV0_ADD
(02h) register or address to be read in source mode.
Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com