Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 15Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 16Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 17Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 18Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 19Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 20Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 21Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 22Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
DocID028370 Rev 4
19/104
LSM6DS3H
Pin description
104
Table 2. Pin description
Pin#
Name
Mode 1 function
Mode 2 function
Mode 3 function
1
SDO/SA0
SPI 4-wire interface serial
data output (SDO)
I2C least significant bit of the
device address (SA0)
SPI 4-wire interface serial data
output (SDO)
I2C least significant bit of the
device address (SA0)
SPI 4-wire interface serial
data output (SDO)
I2C least significant bit of the
device address (SA0)
2
SDx
Connect to VDDIO or GND
I2C serial data master (MSDA)
Auxiliary SPI 3-wire interface
serial data input (SDI_Aux)
and serial data output
(SDO_Aux)
3
SCx
Connect to VDDIO or GND
I2C serial clock master (MSCL)
Auxiliary SPI 3-wire interface
serial port clock (SPC_Aux)
4
INT1
Programmable interrupt 1
5
VDDIO(1)
Power supply for I/O pins
6
GND
0 V supply
7
GND
0 V supply
8
VDD(2)
Power supply
9
INT2
Programmable interrupt 2
(INT2)/ Data enable (DEN)
Programmable interrupt 2
(INT2)/ Data enable (DEN)/
I2C master external
synchronization signal
(MDRDY)
Programmable interrupt 2
(INT2)/ Data enable (DEN)
10
CS_Aux
Leave unconnected(3)
Leave unconnected(3)
Auxiliary SPI 3-wire interface
enable
11
NC(3)
Leave unconnected
12
CS
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled; 0:
SPI communication mode /
I2C disabled)
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled;
0: SPI communication mode /
I2C disabled)
I2C/SPI mode selection
(1: SPI idle mode / I2C
communication enabled;
0: SPI communication mode
/I2C disabled)
13
SCL
I2C serial clock (SCL)
SPI serial port clock (SPC)
I2C serial clock (SCL)
SPI serial port clock (SPC)
I2C serial clock (SCL)
SPI serial port clock (SPC)
14
SDA
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data
output (SDO)
1. Recommended 100 nF filter capacitor.
2. Recommended 100 nF capacitor.
3. Leave pin electrically unconnected and soldered to PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com