Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 43Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 44Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 45Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 46Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 47Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 48Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 49Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 50Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
DocID028370 Rev 4
47/104
LSM6DS3H
Register mapping
104
Registers marked as Reserved must not be changed. Writing to those registers may cause
permanent damage to the device.
The content of the registers that are loaded at boot should not be changed. They contain the
factory calibration values. Their content is automatically restored when the device is
powered up.
RESERVED
-
54-57
-
Reserved
TAP_CFG
r/w
58
01011000
00000000
Interrupt
registers
TAP_THS_6D
r/w
59
01011001
00000000
INT_DUR2
r/w
5A
01011010
00000000
WAKE_UP_THS
r/w
5B
01011011
00000000
WAKE_UP_DUR
r/w
5C
01011100
00000000
FREE_FALL
r/w
5D
01011101
00000000
MD1_CFG
r/w
5E
01011110
00000000
MD2_CFG
r/w
5F
01011111
00000000
RESERVED
-
60-65
-
Reserved
OUT_MAG_RAW_X_L
r
66
0110 0110
output
External
magnetometer
raw data output
registers
OUT_MAG_RAW_X_H
r
67
0110 0111
output
OUT_MAG_RAW_Y_L
r
68
0110 1000
output
OUT_MAG_RAW_Y_H
r
69
0110 1001
output
OUT_MAG_RAW_Z_L
r
6A
0110 1010
output
OUT_MAG_RAW_X_H
r
6B
0110 1011
output
CTRL_SPIAux
r/w
70
0111 0000
00000000
OIS data
control register
1. This register status is read using the primary interface for user interface gyroscope data.
2. This register status is read using the auxiliary SPI for OIS gyroscope data.
Table 16. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com