Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 72 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 72 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 68Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 69Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 70Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 71Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 72Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 73Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 74Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 75Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
Register description
LSM6DS3H
72/104
DocID028370 Rev 4
9.44
SENSORHUB5_REG (32h)
Fifth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0 to x = 3).
9.45
SENSORHUB6_REG (33h)
Sixth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0 to x = 3).
9.46
SENSORHUB7_REG (34h)
Seventh byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0 to x = 3).
9.47
SENSORHUB8_REG(35h)
Eighth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0 to x = 3).
Table 121. SENSORHUB5_REG register
SHub5_7
SHub5_6
SHub5_5
SHub5_4
SHub5_3
SHub5_2
SHub5_1
SHub5_0
Table 122. SENSORHUB5_REG register description
SHub5_[7:0]
Fifth byte associated to external sensors
Table 123. SENSORHUB6_REG register
SHub6_7
SHub6_6
SHub6_5
SHub6_4
SHub6_3
SHub6_2
SHub6_1
SHub6_0
Table 124. SENSORHUB6_REG register description
SHub6_[7:0]
Sixth byte associated to external sensors
Table 125. SENSORHUB7_REG register
SHub7_7
SHub7_6
SHub7_5
SHub7_4
SHub7_3
SHub7_2
SHub7_1
SHub7_0
Table 126. SENSORHUB7_REG register description
SHub7_[7:0]
Seventh byte associated to external sensors
Table 127. SENSORHUB8_REG register
SHub8_7
SHub8_6
SHub8_5
SHub8_4
SHub8_3
SHub8_2
SHub8_1
SHub8_0
Table 128. SENSORHUB8_REG register description
SHub8_[7:0] Eighth byte associated to external sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com