Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 63 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 59Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 60Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 61Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 62Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 63Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 64Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 65Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 66Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 104 page
background image
DocID028370 Rev 4
63/104
LSM6DS3H
Register description
104
9.22
MASTER_CONFIG (1Ah)
Master configuration register (r/w).
9.23
WAKE_UP_SRC (1Bh)
Wake up interrupt source register (r).
Table 74. MASTER_CONFIG register
DRDY_ON
_INT1
DATA_VALID
_SEL_FIFO
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
START_
CONFIG
PULL_UP
_EN
PASS_
THROUGH
_MODE
IRON_EN
MASTER_
ON
Table 75. MASTER_CONFIG register description
DRDY_ON_
INT1
Manage the Master DRDY signal on INT1 pad. Default: 0
(0: disable Master DRDY on INT1; 1: enable Master DRDY on INT1)
DATA_VALID_
SEL_FIFO
Selection of FIFO data-valid signal. Default value: 0
(0: data-valid signal used to write data in FIFO is the XL/Gyro data-ready or step
detection(1);
1: data-valid signal used to write data in FIFO is the sensor hub data-ready)
1. If the TIMER_PEDO_FIFO_DRDY bit in FIFO_CTRL2 (07h) is set to 0, the trigger for writing data in FIFO
is XL/Gyro data-ready, otherwise it's the step detection.
START_
CONFIG
Sensor Hub trigger signal selection. Default value: 0
(0: Sensor hub signal is the XL/Gyro data-ready;
1: Sensor hub signal external from INT2 pad.)
PULL_UP_EN
Auxiliary I2C pull-up. Default value: 0
(0: internal pull-up on auxiliary I2C line disabled;
1: internal pull-up on auxiliary I2C line enabled)
PASS_THROUGH
_MODE
I2C interface pass-through. Default value: 0
(0: through disabled; 1: through enabled)
IRON_EN
Enable hard-iron correction algorithm for magnetometer. Default value: 0
(0:hard-iron correction algorithm disabled;
1: hard-iron correction algorithm enabled)
MASTER_ON
Sensor hub I2C master enable. Default: 0
(0: master I2C of sensor hub disabled; 1: master I2C of sensor hub enabled)
Table 76. WAKE_UP_SRC register
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
FF_IA
SLEEP_
STATE_IA
WU_IA
X_WU
Y_WU
Z_WU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com