Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 75 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 71Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 72Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 73Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 74Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 75Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 76Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 77Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 78Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
DocID028370 Rev 4
75/104
LSM6DS3H
Register description
104
9.54
FIFO_STATUS3 (3Ch)
FIFO status control register (r). For a proper reading of the register it is recommended to set the
BDU bit in CTRL3_C (12h) to 0.
Table 141. FIFO_STATUS3 register
Table 142. FIFO_STATUS3 register description
9.55
FIFO_STATUS4 (3Dh)
FIFO status control register (r). For a proper reading of the register it is recommended to set
the BDU bit in CTRL3_C (12h) to 0.
Table 143. FIFO_STATUS4 register
Table 144. FIFO_STATUS4 register description
9.56
FIFO_DATA_OUT_L (3Eh)
FIFO data output register (r). For a proper reading of the register it is recommended to set
the BDU bit in CTRL3_C (12h) to 0.
FIFO_
PATTERN
_7
FIFO_
PATTERN
_6
FIFO_
PATTERN
_5
FIFO_
PATTERN
_4
FIFO_
PATTERN
_3
FIFO_
PATTERN
_2
FIFO_
PATTERN
_1
FIFO_
PATTERN
_0
FIFO_
PATTERN_[7:0]
Word of recursive pattern read at the next reading.
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
FIFO_
PATTERN_9
FIFO_
PATTERN_8
FIFO_
PATTERN_[9:8]
Word of recursive pattern read at the next reading.
Table 145. FIFO_DATA_OUT_L register
DATA_
OUT_
FIFO_L_7
DATA_
OUT_
FIFO_L_6
DATA_
OUT_
FIFO_L_5
DATA_
OUT_
FIFO_L_4
DATA_
OUT_
FIFO_L_3
DATA_
OUT_
FIFO_L_2
DATA_
OUT_
FIFO_L_1
DATA_
OUT_
FIFO_L_0
Table 146. FIFO_DATA_OUT_L register description
DATA_OUT_FIFO_L_[7:0]
FIFO data output (first byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com