Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DS3HTR Datasheet(PDF) 103 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 96Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 97Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 98Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 99Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 100Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 101Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 102Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 103Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
DocID028370 Rev 4
103/104
LSM6DS3H
Revision history
104
14
Revision history
Table 275. Document revision history
Date
Revision
Changes
14-Sep-2015
1
Initial release
15-Sep-2015
2
Updated Features
14-Oct-2015
3
Updated Figure 7: Accelerometer composite filter
Updated description of HPCF_XL bits in Table 67: CTRL8_XL register description
Added Table 69: Accelerometer LPF2 cutoff frequency
Added PEDO_THS_REG (0Fh) and PEDO_DEB_REG (14h)
Added Section 13.2: LGA-14 packing information
03-Feb-2016
4
Document status promoted to “production data”
Updated Table 3: Mechanical characteristics
Updated Table 4: Electrical characteristics
Updated Table 8: Absolute maximum ratings
Updated Register description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com