Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 38 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 38 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 34Page - Texas Instruments SWCS049J Datasheet HTML 35Page - Texas Instruments SWCS049J Datasheet HTML 36Page - Texas Instruments SWCS049J Datasheet HTML 37Page - Texas Instruments SWCS049J Datasheet HTML 38Page - Texas Instruments SWCS049J Datasheet HTML 39Page - Texas Instruments SWCS049J Datasheet HTML 40Page - Texas Instruments SWCS049J Datasheet HTML 41Page - Texas Instruments SWCS049J Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 119 page
background image
38
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
TdSONT = 30 ms, as in example boot sequence.
Table 5-2 lists the power control timing characteristics.
Table 5-2. Power Control Timing Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tdbPWRONF
PWRON falling-edge debouncing delay
100
ms
tdbPWRONR
PWRON rising-edge debouncing delay
3 × tCK32k = 94
µs
tdbPWRHOLD
PWRHOLD rising-edge debouncing delay
2 × tCK32k = 63
µs
tdOINT1
INT1 (internal) power-on pulse duration after
PWRON low-level (debounced) event
1
s
tdONPWHOLD
Delay to set high PWRHOLD signal or
DEV_ON control bit after NRESPWON
released to keep on the supplies
tdOINT1 – tDSONT =
970(1)
ms
tdPWRONLP
PWRON long-press delay
PWRON falling-edge to
PWRON_LP_IT
4
s
tdPWRONLPTO
PWROW long-press interrupt
(PWRON_LP_IT) to supplies switch-off
PWRON_LP_IT to
NRESPWRON falling-
edge
1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com