Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 87 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 87 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 83Page - Texas Instruments SWCS049J Datasheet HTML 84Page - Texas Instruments SWCS049J Datasheet HTML 85Page - Texas Instruments SWCS049J Datasheet HTML 86Page - Texas Instruments SWCS049J Datasheet HTML 87Page - Texas Instruments SWCS049J Datasheet HTML 88Page - Texas Instruments SWCS049J Datasheet HTML 89Page - Texas Instruments SWCS049J Datasheet HTML 90Page - Texas Instruments SWCS049J Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 119 page
background image
87
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-59. SLEEP_KEEP_RES_ON_REG
Address Offset
0x42
Physical Address
Instance
Description
Configuration Register keeping, during the SLEEP state of the device (but then supply state can be
overwritten programming ST[1:0]):
- the full load capability of LDO regulator (ACTIVE mode),
- The PWM mode of DCDC converter
- 32-kHz clock output
- Register access though I2C interface (keeping the internal high speed clock on)
- Die Thermal monitoring on
Control bit value has no effect if the resource is off.
Type
RW
7
6
5
4
3
2
1
0
THERM_
KEEPON
CLKOUT32K_
KEEPON
VRTC_
KEEPON
I2CHS_
KEEPON
Reserved
VDD2_
KEEPON
VDD1_
KEEPON
VIO_
KEEPON
Bits
Field Name
Description
Type
Reset
7
THERM_KEEPON
When 1, thermal monitoring is maintained during device SLEEP state.
When 0, thermal monitoring is turned off during device SLEEP state.
RW
0
6
CLKOUT32K_KEEPO
N
When 1, CLK32KOUT output is maintained during device SLEEP state.
When 0, CLK32KOUT output is set low during device SLEEP state.
RW
0
5
VRTC_KEEPON
When 1, LDO regulator full load capability (ACTIVE mode) is maintained
during device SLEEP state.
When 0, the LDO regulator is set or stays in low-power mode during
device SLEEP state.
RW
0
4
I2CHS_KEEPON
When 1, high speed internal clock is maintained during device SLEEP
state.
When 0, high speed internal clock is turned off during device SLEEP
state.
RW
0
3
Reserved
RO
0
2
VDD2_KEEPON
When 1, VDD2 SMPS PWM mode is maintained during device SLEEP
state. No effect if VDD2 working mode is PFM.
When 0, VDD2 SMPS PFM mode is set during device SLEEP state.
RW
0
1
VDD1_KEEPON
When 1, VDD1 SMPS PWM mode is maintained during device SLEEP
state. No effect if VDD1 working mode is PFM.
When 0, VDD1 SMPS PFM mode is set during device SLEEP state.
RW
0
0
VIO_KEEPON
When 1, VIO SMPS PWM mode is maintained during device SLEEP
state. No effect if VIO working mode is PFM.
When 0, VIO SMPS PFM mode is set during device SLEEP state.
RW
0
Table 6-60. SLEEP_SET_LDO_OFF_REG
Address Offset
0x43
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Configuration Register turning-off LDO regulator during the SLEEP state of the device.
Corresponding *_KEEP_ON control bit in SLEEP_KEEP_RES_ON register should be 0 to make this
*_SET_OFF control bit effective
Type
RW
7
6
5
4
3
2
1
0
LDO3_SETOFF LDO4_SETOFF LDO7_SETOFF LDO8_SETOFF LDO5_SETOFF LDO2_SETOFF LDO1_SETOFF LDO6_SETOFF
Bits
Field Name
Description
Type
Reset
7
LDO3_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0
6
LDO4_SETOFF
When 1, LDO regulator is turned off during device SLEEP state.
When 0, No effect
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com