Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 48 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 48 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 44Page - Texas Instruments SWCS049J Datasheet HTML 45Page - Texas Instruments SWCS049J Datasheet HTML 46Page - Texas Instruments SWCS049J Datasheet HTML 47Page - Texas Instruments SWCS049J Datasheet HTML 48Page - Texas Instruments SWCS049J Datasheet HTML 49Page - Texas Instruments SWCS049J Datasheet HTML 50Page - Texas Instruments SWCS049J Datasheet HTML 51Page - Texas Instruments SWCS049J Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 119 page
background image
48
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Table 6-3. Boot Configuration: General Control Bits
Register
Bit
Description
TPS65911x
Fixed Boot
EEPROM Boot
VRTC_REG
VRTC_OFFMASK
0: VRTC LDO will be in low-power mode during
OFF state.
0
x
1: VRTC LDO will be in full-power mode during
OFF state.
DEVCTRL_REG
CK32K_CTRL
0: Clock source is crystal/external clock.
Crystal
x
1: Clock source is internal RC oscillator.
DEVCTRL_REG
DEV_ON
0: No impact
0
x
1: Will maintain device on, in ACTIVE or SLEEP
state
DEVCTRL2_REG
TSLOTD
Boot sequence time slot duration:
2 ms
x
0: 0.5 ms
1: 2 ms
DEVCTRL2_REG
PWON_LP_OFF
0: Turn off device after PWRON long-press not
allowed.
1
x
1: Turn off device after PWRON long-press.
DEVCTRL2_REG
PWON_LP_RST
0: No impact
1
x
1: Reset digital core when device is off
DEVCTRL2_REG
IT_POL
0: INT1 signal will be active-low.
0
x
1: INT1 signal will be active-high.
INT_MSK_REG
VMBHI_IT_MSK
0: Device will automatically switch-on at NO
SUPPLY-to-OFF or BACKUP-to-OFF transition
(device will switch-on when supply is inserted)
1
x
1: Start-up reason required before switch-on
(VMBHI event interrupt masked)
INT_MSK3_REG
GPIO5_F_IT_MSK
0: GPIO5 falling-edge detection interrupt not
masked
1
x
1: GPIO5 falling-edge detection interrupt
masked
INT_MSK3_REG
GPIO5_R_IT_MSK
0: GPIO5 rising-edge detection interrupt not
masked
0
x
1: GPIO5 rising-edge detection interrupt
masked
INT_MSK3_REG
GPIO4_F_IT_MSK
0: GPIO4 falling-edge detection interrupt not
masked
1
x
1: GPIO4 falling-edge detection interrupt
masked
INT_MSK3_REG
GPIO4_R_IT_MSK
0: GPIO4 rising-edge detection interrupt not
masked
0
x
1: GPIO4 rising-edge detection interrupt
masked
GPIO0_REG
GPIO_ODEN
0: GPIO0 configured as push-pull output
Push-pull
x
1: GPIO0 configured as open-drain output
WATCHDOG_REG
WATCHDOG_EN
0: Watchdog disabled
1
x
1: Watchdog enabled, periodic operation with
100 s
EEPROM
VMBBUF_BYPASS
0: Enable input buffer for external resistive
divider
Disable buffer
x
1: In single-cell system, disable buffer for low
power
VMBCH_REG
VMBCH_SEL[5:1]
Select threshold for boot gating comparator
COMP1, 2.5–3.5 V.
3.1 V
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com