Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 53 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 53 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 49Page - Texas Instruments SWCS049J Datasheet HTML 50Page - Texas Instruments SWCS049J Datasheet HTML 51Page - Texas Instruments SWCS049J Datasheet HTML 52Page - Texas Instruments SWCS049J Datasheet HTML 53Page - Texas Instruments SWCS049J Datasheet HTML 54Page - Texas Instruments SWCS049J Datasheet HTML 55Page - Texas Instruments SWCS049J Datasheet HTML 56Page - Texas Instruments SWCS049J Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 119 page
background image
SWCS049-019
TRACK bit
VDD1 enable
LDO4 MODE
Setting
time t
ON
LDO4
No Tracking 1 to 3.3 V
LDO4
Tracking 0.6 to 1.5 V
(LDO4 has same
level as VDD1)
LDO4
Tracking 0.8 V to 1.5 V
LDO4
Tracking 0.6 V
(LDO4 has same
level as VDD1)
SWCS049-013
0
1
N
0
1
N
WTCHDG_CNT
WTCHDG_IT
WTCHDG_OFF
WTCHDG_IT clearing
0
1
i
0
1
N
WTCHDG_CNT
Periodic mode:
Interrupt mode:
WTCHDG_OFF
interrupt clearing
53
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.3.3.13 Watchdog
The watchdog has two modes of operation.
In periodic operation, an interrupt is generated with a regular period defined by the WTCHDG_TIME
setting. The IC initiates WTCHDOG shutdown if the interrupt is not cleared within the period. The
watchdog interrupt WTCHDOG counter is reinitialized when NRESPWRON is low.
In interrupt mode the IC initiates WTCHDOG counter when interrupt is set pending and is cleared when
interrupt is cleared. If no interrupt is cleared before watchdog expiration within WTCHDG_TIME, the
device goes to off mode.
By default, periodic watchdog functionality is enabled with the maximum WTCHDG_TIME period.
Figure 6-2. Watchdog Signals
6.3.3.14 Tracking LDO
LDO4 has an optional mode where its output level follows that of VDD1, from 0.6 to 1.5 V, when VDD1 is
active. When VDD1 is set to off, the LDO4 output is defined by the SEL[7:2] bits in LDO4_REG, and can
be set from 0.8 to 1.5 V.
Tracking mode is enabled by setting TRACK = 1 in DCDCCTRL_REG. In initial activation, VDD1 must be
enabled and allowed to settle before enabling tracking mode. After initial activation, tracking mode can be
kept enabled while VDD1 is turned off. The value of TRACK is set to default (0) after any turnoff event.
Figure 6-3. Tracking LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com