Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 42 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 42 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 38Page - Texas Instruments SWCS049J Datasheet HTML 39Page - Texas Instruments SWCS049J Datasheet HTML 40Page - Texas Instruments SWCS049J Datasheet HTML 41Page - Texas Instruments SWCS049J Datasheet HTML 42Page - Texas Instruments SWCS049J Datasheet HTML 43Page - Texas Instruments SWCS049J Datasheet HTML 44Page - Texas Instruments SWCS049J Datasheet HTML 45Page - Texas Instruments SWCS049J Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 119 page
background image
1.2 V
EN1
PFM (pulse
skipping) mode
SW1
VDD1/VFB1
0.8 V
PFM (pulse
skipping) mode
PFM (pulse skipping) mode
PWM mode
PWM mode
t
dDVSEN
t
dDVSENL
t
dDVSEN
TSTEP[2:0]=001
TSTEP[2:0]=011
t
dDVSENL
SWCS049-011
42
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.23.2.5 VDD1, VDD2 Voltage Control Through EN1 and EN2 Signals
NOTE: Register setting: VDD1_EN1 = 1, SEL[6:0] = hex13 in VDD1_SR_REG
Figure 5-8. VDD1 Supply Voltage Control Through EN1
Table 5-6. VDD1 Supply Voltage Control Through EN1 Timing Characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tdDVSEN
EN1 (or EN2) edge to VDD1 (or VDD2) voltage
change delay
2 × tCK32k = 62
µs
tdDVSENL
VDD1 (or VDD2) voltage settling delay
TSTEP[2:0] = 001
32
µs
TSTEP[2:0] = 011 (default)
0.4 / 7.5 = 53
TSTEP[2:0] = 111
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com