Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 10 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 10 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 6Page - Texas Instruments SWCS049J Datasheet HTML 7Page - Texas Instruments SWCS049J Datasheet HTML 8Page - Texas Instruments SWCS049J Datasheet HTML 9Page - Texas Instruments SWCS049J Datasheet HTML 10Page - Texas Instruments SWCS049J Datasheet HTML 11Page - Texas Instruments SWCS049J Datasheet HTML 12Page - Texas Instruments SWCS049J Datasheet HTML 13Page - Texas Instruments SWCS049J Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
10
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Pin Configuration and Functions
Copyright © 2010–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
NAME
BGA PIN
SUPPLIES
TYPE
I/O
DESCRIPTION
PU / PD
PGOOD
C4
VCC7, GNDC
Analog
O, OD
VDDCtrl, internal signal, leave
floating (controller trimming only)
PWRDN
N2
VRTC, DGND
Analog
I
Reset input (for example, thermal
reset)
PWRHOLD
N1
VRTC, DGND
Digital
I
Switch-on, switch off control
signal or GPI
Programmable PD
(default active)
PWRON
E4
VCC7, DGND
Digital
I
External switch-on control (ON
button)
Programmable PU
(default active)
REFGND
G7
REFGND
Analog
I/O
Reference ground
No
SCL_SCK
M4
VDDIO, DGND
Digital
I/O
I2C bidirectional clock signal or
serial peripheral interface clock
input (multiplexed)
External PU
SDA_SDI
M5
VDDIO, DGND
Digital
I/O
I2C bidirectional data signal or
serial peripheral interface data
input (multiplexed)
External PU
SLEEP
F1
VDDIO, DGND
Digital
I
ACTIVE-SLEEP state transition
control signal
Programmable PD
(default active)
SW
A4
VBST, GNDC
Analog
I
VDDCtrl, Switch node
SWIO
K7, K8
VCCIO, GNDIO
Power
O
VIO DCDC switched output
No
SW1
D1, D2, E2
VCC1, GND1
Power
O
VDD1 DCDC switched output
No
SW2
H1, H2
VCC2, GND2
Power
O
VDD2 DCDC switched output
No
TESTV
B8
VCC7, AGND
Analog
O
Analog test output (DFT)
No
TRAN
C6
VCC7, GNDC
Analog
I
Internal functional pin, leave
floating (controller trimming only)
TRIP
B3
V5IN, GNDC
Analog
I
VDDCtrl, OCL detection threshold
pin
VBACKUP
D7
VBACKUP, AGND
Power
I
Backup battery input
No
VBST
A2
VBST, GNDC
Analog
I
VDDCtrl, supply for high-side FET
driver
VCCIO
L7, L8
VCCIO, GNDIO
Power
I
VIO DCDC power Input
No
VCCS
E8
VCC7, DGND
Analog
I/O
Input for two comparators
VCC1
E1, F2, F3
VCC1, GND1
Power
I
VDD1 DCDC power Input
No
VCC2
G1, G2
VCC2, GND2
Power
I
VDD2 DCDC power Input
No
VCC3
N3
VCC3, AGND2
Power
I
LDO6, LDO7, LDO8 power Input
No
VCC4
L1
VCC4, AGND2
Power
I
LDO5 power Input
No
VCC5
D8
VCC5, AGND
Power
I
LDO3, LDO4 power Input
No
VCC6
N5
VCC6, AGND2
Power
I
LDO1, LDO2 power Input
No
VCC7
B6
VCC7, REFGND
Power
I
VRTC power input and analog
references supply
No
VDDIO
N7
VDDIO, DGND
Power
I
Digital Ios supply
No
VFB
C5
VOUT, GNDC
Analog
I
VDDCtrl, slew rate control
capacitance
VFBIO
H8
VCC7, DGND
Analog
I
VIO feedback voltage
PD 5 µA
VFB1
D4
VCC7, DGND
Analog
I
VDD1 feedback voltage
PD 5 µA
VFB2
K2
VCC7, DGND
Analog
I
VDD2 DCDC feedback voltage
PD 5 µA
VOUT
B4
VOUT, GNDC
Analog
I
VDDCtrl, Feedback input
VREF
G8
VCC7, REFGND
Analog
O
Band-gap voltage
No
VRTC
B5
VCC7, REFGND
Power
O
LDO Regulator output
PD 5 µA
V5IN
A5
V5IN, GNDC
Power
I
VDDCtrl, 5-V input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com