Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 13 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 13 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 9Page - Texas Instruments SWCS049J Datasheet HTML 10Page - Texas Instruments SWCS049J Datasheet HTML 11Page - Texas Instruments SWCS049J Datasheet HTML 12Page - Texas Instruments SWCS049J Datasheet HTML 13Page - Texas Instruments SWCS049J Datasheet HTML 14Page - Texas Instruments SWCS049J Datasheet HTML 15Page - Texas Instruments SWCS049J Datasheet HTML 16Page - Texas Instruments SWCS049J Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 119 page
background image
13
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
5.5
External Component Recommendation
For crystal oscillator components, see Section 5.12.
If RTC domain is expected to be maintained after shutdown, VCC7 must have enough capacitance to ensure that when
supply is switched off, voltage does not fall at a rate faster than 10 mV/ms. This ensures that RTC domain data is maintained.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
POWER REFERENCES
VREF filtering capacitor CO(VREF)
Connected from VREF to REFGND
100
nF
VDD1 SMPS
Input capacitor CI(VCC1)
X5R or X7R dielectric
10
µF
Output filter capacitor CO(VDD1)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
ƒ = 3 MHz
10
300
m
Ω
Inductor LO(VDD1)
2.2
µH
LO inductor DC resistor DCRL
125
m
Ω
VDD2 SMPS
Input capacitor CI(VCC2)
X5R or X7R dielectric
10
µF
Output filter capacitor CO(VDD2)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
ƒ = 3 MHz
10
300
m
Ω
Inductor LO(VDD2)
2.2
µH
LO inductor DC resistor DCRL
125
m
Ω
VIO SMPS
Input capacitor CI(VCCIO)
X5R or X7R dielectric
10
µF
Output filter capacitor CO(VIO)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
ƒ = 3 MHz
10
300
m
Ω
Inductor LO(VIO)
2.2
µH
LO inductor DC resistor DCRL
125
m
Ω
VDDCtrl SMPS
Input capacitor CVIN
4 × 10
µF
High-side drive boost capacitor Cboost
0.1
µF
Input capacitor for V5IN supply CV5IN
1
µF
Output filter capacitor CO(VDDCtrl)
330
µF
CO filter capacitor ESR
9
15
m
Ω
Inductor LO(VDDCtrl)
2.7
µH
LO Inductor DC resistor DCRL
20
m
Ω
Rtrip
40
k
Ω
C1
330
pF
FET FDMC7660
LDO1
Input capacitor CI(VCC6)
X5R or X7R dielectric
4.7
µF
Output filtering capacitor CO(LDO1)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
LDO2
Output filtering capacitor CO(LDO2)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
LDO3
Input capacitor CI(VCC5)
X5R or X7R dielectric
4.7
µF
Output filtering capacitor CO(LDO3)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
LDO4
Output filtering capacitor CO(LDO4)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com