Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 56 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 56 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 52Page - Texas Instruments SWCS049J Datasheet HTML 53Page - Texas Instruments SWCS049J Datasheet HTML 54Page - Texas Instruments SWCS049J Datasheet HTML 55Page - Texas Instruments SWCS049J Datasheet HTML 56Page - Texas Instruments SWCS049J Datasheet HTML 57Page - Texas Instruments SWCS049J Datasheet HTML 58Page - Texas Instruments SWCS049J Datasheet HTML 59Page - Texas Instruments SWCS049J Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 119 page
background image
Hours
32-kHz Clock
Input
INT_ALARM
INT_TIMER
Seconds
Interrupt
Minutes
Week
Days
Days
Months
Years
Control
Alarm
Frequency
Compensation
32-kHz
Counter
SWCS049-015
Copyright © 2016, Texas Instruments Incorporated
56
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Figure 6-5. RTC Digital Section Block Diagram
6.7.1
Time Calendar Registers
All the time and calendar information is available in these dedicated registers, called TC registers. Values
of the TC registers are written in BCD format.
1. Years data ranges from 00 to 99
–
Leap year = Year divisible by four (2000, 2004, 2008, 2012...)
–
Common year = other years
2. Months data ranges from 01 to 12
3. Days value ranges from:
–
1 to 31 when months are 1, 3, 5, 7, 8, 10, 12
–
1 to 30 when months are 4, 6, 9, 11
–
1 to 29 when month is 2 and year is a leap year
–
1 to 28 when month is 2 and year is a common year
4. Weeks value ranges from 0 to 6
5. Hours value ranges from 00 to 23 in 24-hour mode and ranges from 1 to 12 in AM/PM mode
6. Minutes value ranges from 0 to 59
7. Seconds value ranges from 0 to 59
To modify the current time, software writes the new time into TC registers to fix the time/calendar
information. The processor can write into the TC registers without stopping the RTC. In addition, software
can stop the RTC by clearing the STOP_RTC bit of the control register and check the RUN bit of the
status to be sure that the RTC is frozen, then update the TC values, and then restart the RTC by setting
STOP_RTC bit.
Example: Time is 10H54M36S PM (PM_AM mode set), 2008 September 5, previous register values are:
Table 6-4. RTC Registers Example
Register
Value
SECONDS_REG
0x36
MINUTES_REG
0x54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com