Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 94 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 94 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 90Page - Texas Instruments SWCS049J Datasheet HTML 91Page - Texas Instruments SWCS049J Datasheet HTML 92Page - Texas Instruments SWCS049J Datasheet HTML 93Page - Texas Instruments SWCS049J Datasheet HTML 94Page - Texas Instruments SWCS049J Datasheet HTML 95Page - Texas Instruments SWCS049J Datasheet HTML 96Page - Texas Instruments SWCS049J Datasheet HTML 97Page - Texas Instruments SWCS049J Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 119 page
background image
94
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
Bits
Field Name
Description
Type
Reset
7
GPIO3_F_IT_MSK
GPIO3 falling-edge detection interrupt mask.
RW
1
6
GPIO3_R_IT_MSK
GPIO3 rising-edge detection interrupt mask.
RW
1
5
GPIO2_F_IT_MSK
GPIO2 falling-edge detection interrupt mask.
RW
1
4
GPIO2_R_IT_MSK
GPIO2 rising-edge detection interrupt mask.
RW
1
3
GPIO1_F_IT_MSK
GPIO1 falling-edge detection interrupt mask.
RW
1
2
GPIO1_R_IT_MSK
GPIO1 rising-edge detection interrupt mask.
RW
1
1
GPIO0_F_IT_MSK
GPIO0 falling-edge detection interrupt mask.
RW
1
0
GPIO0_R_IT _MSK
GPIO0 rising-edge detection interrupt mask.
RW
1
Table 6-70. INT_STS3_REG
Address Offset
0x54
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
Interrupt status register:
The interrupt status bit is set to 1 when the associated interrupt event is detected. Interrupt status bit is
cleared by writing 1.
Type
RW
7
6
5
4
3
2
1
0
PWRDN_IT
VMBCH2_L_IT
VMBCH2_H_IT
WTCHDG_IT
GPIO5_F_IT
GPIO5_R_IT
GPIO4_F_IT
GPIO4_R_IT
Bits
Field Name
Description
Type
Reset
7
PWRDN_IT
PWRDN reset input high detected
RW
W1 to Clr
0
6
VMBCH2_L_IT
Comparator2 input below threshold detection interrupt status
RW
W1 to Clr
0
5
VMBCH2_H_IT
Comparator2 input above threshold detection interrupt status
RW
W1 to Clr
0
4
WTCHDG_IT
Watchdog interrupt status
RW
W1 to Clr
0
3
GPIO5_F_IT
GPIO5 falling-edge detection interrupt status
RW
W1 to Clr
0
2
GPIO5_R_IT
GPIO5 rising-edge detection interrupt status
RW
W1 to Clr
0
1
GPIO4_F_IT
GPIO4 falling-edge detection interrupt status
RW
W1 to Clr
0
0
GPIO4_R_IT
GPIO4 rising-edge detection interrupt status
RW
W1 to Clr
0
Table 6-71. INT_MSK3_REG
Address Offset
0x55
Physical Address
Instance
(RESET DOMAIN: GENERAL
RESET)
Description
Interrupt mask register:
When *_IT_MSK is set to 1, the associated interrupt is masked: INT1 signal is not activated, but *_IT
interrupt status bit is updated.
When *_IT_MSK is set to 0, the associated interrupt is enabled: INT1 signal is activated, *_IT is
updated.
Type
RW
7
6
5
4
3
2
1
0
PWRDN_
IT_MSK
VMBCH2_L_
IT_MSK
VMBCH2_H_
IT_MSK
WTCHDG_
IT_MSK
GPIO5_F_
IT_MSK
GPIO5_R_
IT_MSK
GPIO4_F_
IT_MSK
GPIO4_R_
IT_MSK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com