Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 64 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 64 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 60Page - Texas Instruments SWCS049J Datasheet HTML 61Page - Texas Instruments SWCS049J Datasheet HTML 62Page - Texas Instruments SWCS049J Datasheet HTML 63Page - Texas Instruments SWCS049J Datasheet HTML 64Page - Texas Instruments SWCS049J Datasheet HTML 65Page - Texas Instruments SWCS049J Datasheet HTML 66Page - Texas Instruments SWCS049J Datasheet HTML 67Page - Texas Instruments SWCS049J Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 119 page
background image
64
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Detailed Description
Copyright © 2010–2016, Texas Instruments Incorporated
6.13.2 TPS65911_FUNC_REG Register Descriptions
Table 6-7. SECONDS_REG
Address Offset
0x00
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC register for seconds
Type
RW
7
6
5
4
3
2
1
0
Reserved
SEC1
SEC0
Bits
Field Name
Description
Type
Reset
7
Reserved
Reserved bit
RO
R returns
0s
0
6:4
SEC1
Second digit of seconds (range is 0 up to 5)
RW
0x0
3:0
SEC0
First digit of seconds (range is 0 up to 9)
RW
0x0
Table 6-8. MINUTES_REG
Address Offset
0x01
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC register for minutes
Type
RW
7
6
5
4
3
2
1
0
Reserved
MIN1
MIN0
Bits
Field Name
Description
Type
Reset
7
Reserved
Reserved bit
RO
R returns
0s
0
6:4
MIN1
Second digit of minutes (range is 0 up to 5)
RW
0x0
3:0
MIN0
First digit of minutes (range is 0 up to 9)
RW
0x0
Table 6-9. HOURS_REG
Address Offset
0x02
Physical Address
Instance
(RESET DOMAIN: FULL RESET)
Description
RTC register for hours
Type
RW
7
6
5
4
3
2
1
0
PM_NAM
Reserved
HOUR1
HOUR0
Bits
Field Name
Description
Type
Reset
7
PM_NAM
Only used in PM_AM mode (otherwise it is set to 0)
0 is AM
1 is PM
RW
0
6
Reserved
Reserved bit
RO
R returns
0s
0
5:4
HOUR1
Second digit of hours(range is 0 up to 2)
RW
0x0
3:0
HOUR0
First digit of hours (range is 0 up to 9)
RW
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com