Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCS049J Datasheet(PDF) 107 Page - Texas Instruments

Part # SWCS049J
Description  Integrated Power Management Unit Top Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SWCS049J Datasheet(HTML) 107 Page - Texas Instruments

Back Button SWCS049J Datasheet HTML 103Page - Texas Instruments SWCS049J Datasheet HTML 104Page - Texas Instruments SWCS049J Datasheet HTML 105Page - Texas Instruments SWCS049J Datasheet HTML 106Page - Texas Instruments SWCS049J Datasheet HTML 107Page - Texas Instruments SWCS049J Datasheet HTML 108Page - Texas Instruments SWCS049J Datasheet HTML 109Page - Texas Instruments SWCS049J Datasheet HTML 110Page - Texas Instruments SWCS049J Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 119 page
background image
107
TPS659110, TPS659112, TPS659113
TPS659114, TPS659118, TPS6591133
www.ti.com
SWCS049Q – JUNE 2010 – REVISED MARCH 2016
Submit Documentation Feedback
Product Folder Links: TPS659110 TPS659112 TPS659113 TPS659114 TPS659118 TPS6591133
Device and Documentation Support
Copyright © 2010–2016, Texas Instruments Incorporated
8
Device and Documentation Support
8.1
Related Links
Table 8-1 lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 8-1. Related Links
PARTS
PRODUCT FOLDER
SAMPLE & BUY
TECHNICAL
DOCUMENTS
TOOLS &
SOFTWARE
SUPPORT &
COMMUNITY
TPS659110
Click here
Click here
Click here
Click here
Click here
TPS659112
Click here
Click here
Click here
Click here
Click here
TPS659113
Click here
Click here
Click here
Click here
Click here
TPS659114
Click here
Click here
Click here
Click here
Click here
TPS659118
Click here
Click here
Click here
Click here
Click here
TPS6591133
Click here
Click here
Click here
Click here
Click here
8.2
Trademarks
OMAP is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
8.3
Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
8.4
Glossary
8.4.1
Acronyms, Abbreviations, and Definitions
ACRONYM
DEFINITION
DDR
Dual-Data Rate (memory)
ES
Engineering Sample
ESD
Electrostatic Discharge
FET
Field Effect Transistor
EPC
Embedded Power Controller
FSM
Finite State Machine
GND
Ground
GPIO
General-Purpose I/O
HBM
Human Body Model
HD
Hot-Die
HS-I2C
High-Speed I2C
I2C
Inter-Integrated Circuit
IC
Integrated Circuit
ID
Identification
IDDQ
Quiescent supply current
IEEE
Institute of Electrical and Electronics Engineers
IR
Instruction Register
I/O
Input/Output
JEDEC
Joint Electron Device Engineering Council
JTAG
Joint Test Action Group
LBC7
Lin Bi-CMOS 7 (360 nm)
LDO
Low Drop Output voltage linear regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com