Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C49021 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Selection Table – Spread Spectrum
SS1
SS0
SSC
0
0
No spread
0
1
Down -0.75%
1
0
Down -0.5%
1
1
No spread
Selection Table – PCIE2 / PECL_25M1 Output
Control
OE_PCIE
PCIE2 Status
1
Enable PCIE2 output (Default)
0
Disable PCIE2 output, Tristate
OE_PECL
PECL_25M1 Status
1
Enable PECL_25M1 output (Default)
0
Disable PECL_25M1 output, Tristate
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com