Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 14Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Electrical Characteristics - 100MHz Differential HCSL Outputs
Unless otherwise specified, V
DD=3.3V±5%, Ambient Temperature -40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Frequency
100
MHz
Cycle-to-Cycle Jitter
T
CC/Jitter
150
ps
Peak-to-Peak Phase
Jitter
Using PCIe jitter measure-
ment method
86
PCIe 2.0 RMS Phase
Jitter
JRMS2.0
PCIe 2.0 Test Method @
100MHz Output
3.1
ps
Spread Modulation
Percentage
-0.5
0
%
Spread Modulation
Frequency
32
kHz
Duty Cycle
T
DC
45
50
55
%
Rising Edge Rate
Note 3, 4
0.6
4.0
V/ns
Falling Edge Rate
Note 3, 4
0.6
4.0
V/ns
Output Skew
T
OSKEW
V
T = 50%(measurement
threshold)
75
ps
High-Level Output
Voltage
V
OH
Note 2, (R
S=33-Ohm)
0.65
0.71
0.85
V
Low-Level Output
Voltage
V
OL
–0.20
0
0.05
Absolute Crossing
Point Voltage
V
CROSS
Note 2, 5, 6
0.25
0.55
V
Variation of VCROSS
over all rising clock
edges
V
CROSS Delta
Note 2, 5, 8
140
mV
Average Clock Period
Accuracy
T
PERIOD AVG
Note 3, 9, 10
–300
2800
ppm
Absolute Period
(including jitter and
spread spectrum)
T
PERIOD ABS
Note 3, 7
9.847
10.203
ns
Notes:
1. Measured at the end of an 8-inch trace with a 5pF load.
2. Measurement taken from a single-ended waveform.
3. Measurement taken from a differential waveform.
4. Measured from -150 mV to +150 mV on the differential waveform. The signal is monotonic through the measurement region for rise and fall time.
The 300 mV measurement window is centered on the differential zero crossing.
5. Measured at crossing point where the instantaneous voltage value of the rising edge of 100M+ equals the falling edge 100M–.
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com