Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49021 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.pericom.com
P-0.1
02/27/13
PI6C49021
Block Diagram
Description
The new PI6C49021 is a high integration clock generator intended
for all kinds of embedded applications and networking application
with PCIe interface. The device is the most cost effective way
to generate multi-frequencies and multi-outputs clocks from
a 25MHz crystal and reference clock. The device can generate
100MHz HCSL clock, single-ended clocks includes 24MHz,
25MHz, 50HMz, 125HMz, and low jitter 25MHz LVPECL clock.
Features
Î
Î
3.3V supply voltage
Î
Î
25MHz XTAL or reference clock input
Î
Î
Output
à
3 x low power PCIe 2.0 100MHz clock with spread
spectrum support and integrate series termination
resistor
à
2 x 66.667MHz LVCMOS clock for CPU
à
1 x 125MHz LVCMOS clock for Gigabit Ethernet
à
2 x 50MHz LVCMOS clock for CPLD
à
3 x 25MHz LVCMOS clock for Ethernet PHY
à
2 x 25MHz low jitter LVPECL Ethernet clock
à
1 x 24MHz LVCMOS for USB PHY
Î
Î
Packaging (Pb free and Green)
à
48-pin TQFN
Low Power High Integration Clock Generator
Crystal
Oscillator
X1
X2
PCIE(0-2)
SCLK
K
2)
2
I2C Control
Circuit
SDATA
A
T
PLL Clock Synthesis
& Spread Spectrum
& Control Circuit
2
3
2
3
OE_PCIE
OE_PECL
SE_66M(0~1)
SE_125M
SE_50M(0~1)
SE_25M(0,2)
SE_24M
PECL_25M(0~1)
25MHz XTAL or
clock input
13-0015


Similar Part No. - PI6C49021

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
Low Power High Integration Clock Generator
PI6C49021BZDIE PERICOM-PI6C49021BZDIE Datasheet
1Mb / 12P
Low Power High Integration Clock Generator
More results

Similar Description - PI6C49021

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5P49EE601 IDT-IDT5P49EE601 Datasheet
462Kb / 26P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE602 IDT-IDT5P49EE602 Datasheet
443Kb / 25P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE801 IDT-IDT5P49EE801 Datasheet
465Kb / 26P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
IDT5P49EE802 IDT-IDT5P49EE802 Datasheet
448Kb / 25P
VERSACLOCK짰 LOW POWER CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49021B PERICOM-PI6C49021B Datasheet
1Mb / 12P
Low Power High Integration Clock Generator
logo
Integrated Device Techn...
5P49EE802 IDT-5P49EE802 Datasheet
279Kb / 28P
VersaClock Low-power Clock Generator
IDT5P49EE602 IDT-IDT5P49EE602_14 Datasheet
322Kb / 26P
VERSACLOCK LOW POWER CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com