Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49021 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Pin Configuration
Pin#
Pin Name
Pin Type
Pin Description
1, 6, 11, 24, 30, 34, 35
GND
Power
Ground
2
NC
Do not Connect
3
PCIE2
Output
100MHz HCSL output
4
PCIE2#
Output
100MHz HCSL output
5, 7, 8, 12, 21, 26, 28,
31, 32, 36, 39, 42, 43,
46
VDD
Power
Power supply
9
SE_50M0
Output
50MHz LVCMOS output
10
SE_50M1
Output
50MHz LVCMOS output
13
SE_25M0
Output
25MHz LVCMOS output
14
SE_25M1
Output
25MHz LVCMOS output
15
SE_25M2
Output
25MHz LVCMOS output
16
SDATA
I/O
I2C compatible data
17
SCLK
Input
I2C compatible clock
18
NC
Do not Connect (can be used as RESET# pin, global
reset input powers down PLLs plus tri-states outputs
and sets the I2C tables to their default state when pulled
low.)
19
X1
Input
Crystal input. Connect to 25MHz
Fundamental mode crystal or clock.
20
X2
Output
Crystal output. Connect to 25MHz
Fundamental mode crystal. Float for clock input.
Pin Description
1
2
3
4
5
6
7
8
9
10
11
12
13
36
35
34
33
32
31
30
29
28
27
26
25
GND
NC
PCIE2
PCIE2#
VDD
GND
VDD
SE_50M0
SE_50M1
GND
VDD
GND
GND
VDD
VDD
GND
SE_66M1
VDD
SE_66M0
SE_125M
14 15 16
17 18 19 20 21 22 23 24
48 47 46 45
44 43 42 41 40 39 38 37
VDD
VDD
SE_24M
VDD
Pins
Group Description
5
Power for 66.667MHz PLL
7
Power for 24MHz PLL
31
Power for 125M/50MHz PLL
36
Power for 100MHz PCIe PLL
8
Power for 50MHz outputs
12
Power for 25MHz LVCMOS outputs
21
Power for crystal oscillator
26
Power for 24MHz output
28
Power for 66.667MHz outputs
32
Power for 125MHz output
39, 42
Power for 25MHz differential outputs
43, 46
Power for PCIe clock outputs
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com