Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
6. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing.
Refers to all crossing points for this measurement.
7. Defines as the absolute minimum or maximum instantaneous period. This includes cycle-to-cycle jitter, relative PPM tolerance,
and spread spectrum modulation.
8. Defined as the total variation of all crossing voltages of rising 100M+ and falling 100M–.
9. Refer to section 4.3.2.1 of the PCI Express Base Specification, Revision 1.1 for information regarding PPM considerations.
10. PPM refers to parts per million and is a DC absolute period accuracy specification. 1 PPM is 1/1,000,000th of 100 MHz exactly or 100 Hz. For 300 PPM there
is an error budget of 100Hz/PPM * 300 PPM = 30 kHz. The period is measured with a frequency counter with measurement window set at 100 ms or greater. With
spread spectrum turned off the error is less than ±300 ppm. With spread spectrum turned on there is an additional +2500 PPM nominal shift in maximum period
resulting from the -0.5% down spread.
Electrical Characteristics - 25MHz LVPECL outputs
Notes (Continued)
Parameter
Min
Typ
Max
Unit
Cycle Time
-
40
-
ns
Duty Cycle
45
-
55
%
Rise/Fall Time (20%-80%)
0.3
-
0.6
ns
RMS Jitter (12kHz-5 MHz)
-
-
2 (spur off) ps-RMS
Clock Tolerance (25MHz)
-50
-
+50
ppm
Output High Voltage
V
DD-1.4
V
DD-0.9
V
Output Low Voltage
V
DD-2.0
V
DD-1.7
Peak to Peak Output Voltage Swing
0.6
1.0
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com