Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C49021 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Byte 1: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7
OE for SE_125M
RW
1
SE_125M
0 = disabled
1 = enabled
6
OE for SE_50M0
RW
1
SE_50M0
0 = disabled
1 = enabled
5
OE for SE_50M1
RW
1
SE_50M1
0 = disabled
1 = enabled
4
OE for SE_25M0
RW
1
SE_25M0
0 = disabled
1 = enabled
3
OE for SE_25M1
RW
1
SE_25M1
0 = disabled
1 = enabled
2
OE for SE_24M
RW
1
SE_24M
0 = disabled
1 = enabled
1
Spread Spectrum Selection for
100MHz HCSL PCI Express clocks
Bit 1: SS1, Bit 0:SS0
RW
0
All 100MHz HCSL PCI
Express outputs
See Selection Table
2 - Spread Spec-
trum
0
RW
0
Byte 2: Control Register
Bit
Description
Type
Power Up Condi-
tion
Output(s) Affected
Notes
7 to 0
Reserved
R
Undefined
Not Applicable
Byte 0: Bit 6 and Bit 5 Functionality
Bit
Bit 5
Description
0
X
RESET# = "H" will enable all outputs; SMBus can not control each output.
1
0
Disable all outputs and tri-states the outputs. When pin 18 (RESET#) is set low, force device to power-on
reset and set all registers to default values.
1
1
Enable outputs according to the SMBus default values; SMBus can control each output. When pin 18 (RE-
SET#) is set low, force to power-on reset and set all registers to default values.
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com