Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49021 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Pin List
Pin#
Pin Name
Pin Type
Pin Description
22
OE_PCIE
Input
100MHz HCSL PCIE2 enable pin. Set High to enable.
23
OE_PECL
Input
25MHz LVPECL PECL 25M1 enable pin. Set High to
enable.
25
SE_24M
Output
24MHz LVCMOS output
27
SE_66M0
Output
66.667MHz LVCMOS output
29
SE_66M1
Output
66.667MHz LVCMOS output
33
SE_125M
Output
125MHz LVCMOS output
37
PECL_25M0
Output
25MHz differential output
38
PECL_25M0#
Output
25MHz differential output
40
PECL_25M1
Output
25MHz differential output
41
PECL_25M1#
Output
25MHz differential output
44
PCIE0
Output
100MHz HCSL output
45
PCIE0#
Output
100MHz HCSL output
47
PCIE1
Output
100MHz HCSL output
48
PCIE1#
Output
100MHz HCSL output
Notes: VDD and GND Pins Layout Guide
1. Small value decoupling caps. (0.1uF, 1uF, and 2.2uF) should be placed close each VDD pin or its via
2. Connect all GND pins to package thermal pad which must be connected to the GND plane for better thermal distribution and
signal conducting with reasonable via count (>8)
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com