Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C49021 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Electrical Characteristics - Single-Ended
Unless otherwise specified, V
DD=3.3V±5%, Ambient Temperature -40°C to +85°C
Parameter
Symbol Conditions
Min
Typ
Max
Units
Input Clock Frequency
F
IN
25
MHz
Frequency Stability
F
T
25MHz XTAL
±
50
ppm
Frequency Synthesis Error Ferror
24MHz, 25MHz, 50MHz,
66.667MHz, 125MHz output
0
ppm
SCLK Frequency
100
400
kHz
Output Rise/Fall Time
t
r, tf
20% to 80% 24MHz,
25MHz, 50MHz, 66.667MHz
output
1
1.5
ns
0.6V to 2.7V
125MHz output
1.2
ns
Output Clock Duty Cycle
Measured at V
DD/2
24MHz, 25MHz, 50MHz,
66.667MHz output
45
50
55
%
Measured at V
DD/2,
125MHz
47
50
53
High-Level Output Voltage V
OH
I
OH = -4mA
VDD-0.4
High-Level Output Voltage V
OH
I
OH = -8mA
2.4
V
Low-Level Output Voltage V
OL
I
OL = 8mA
0.4
RMS phase jitter
25MHz clock output, Fj=1kHz to
5MHz offset frequency
3
ps
Peak-to-Peak Jitter
125MHz clock output
±
150
ps
66.667MHz clock output
±
150
50MHz clock output
250
Clock Stabilization Time
from Power Up
3
6
ms
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com