Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 13 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 13 Page - Pericom Semiconductor Corporation

Back Button PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
Configuration test load board termination for HCSL Outputs
Rs
33Ω
5%
Rs
33Ω
5%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
PI6C49021
Figure 4. Configuration Test Load Board Termination
VDD
150Ω
150Ω
Zo = 50Ω
Zo = 50Ω
100Ω
L = 0 ~ 10 in.
Figure 5. LVPECL output termination
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com