Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C49021 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI6C49021
Description  Low Power High Integration Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49021 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI6C49021 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 14Page - Pericom Semiconductor Corporation PI6C49021 Datasheet HTML 15Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
www.pericom.com
P-0.1
02/27/13
PI6C49021
Low Power High Integration Clock Generator
All trademarks are property of their respective owners.
C1
27pF
Crystal�(C
L�=�18pF)
C2
27pF
XTAL_IN
XTAL_OUT
SaRonix-eCera
CG2500003
Application Notes
Crystal circuit connection
The following diagram shows PI6C49021 crystal circuit connection with a parallel crystal. For the CL=18pF
crystal, it is suggested to use C1= 27pF, C2= 27pF. C1 and C2 can be adjusted to fine tune to the target ppm of
crystal oscillator according to different board layouts.
Crystal Oscillator Circuit
Recommended Crystal Specification
Pericom recommends:
a) GC2500003 XTAL 49S/SMD(4.0 mm), 25M, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/GC_GF.pdf
b) FY2500081, SMD 5x3.2(4P), 25M, CL=18pF, +/-30ppm, http://www.pericom.com/pdf/datasheets/se/FY_F9.pdf
c) FL2500047, SMD 3.2x2.5(4P), 25M, CL=18pF, +/-20ppm, http://www.pericom.com/pdf/datasheets/se/FL.pdf
X1
X2
Cb
C1
C2
Cj
Rd
Rf
Cb
Pseudo
sine
Cj
CL= crystal spec. loading cap.
Cj = chip in/output cap. (3~5pF)
Cb = PCB trace/via cap. (2~4pF)
C1,2 = load cap. components
Rd = drive level res. (100ohm)
ASIC
Final choose/trim C1=C2=2 *CL - (Cb +Cj) for the target +/-ppm
Example: C1=C2=2*(18pF) – (4pF+5pF)=27pF
13-0015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com