Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 34 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 34 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 30Page - SPANSION MB9BF412R Datasheet HTML 31Page - SPANSION MB9BF412R Datasheet HTML 32Page - SPANSION MB9BF412R Datasheet HTML 33Page - SPANSION MB9BF412R Datasheet HTML 34Page - SPANSION MB9BF412R Datasheet HTML 35Page - SPANSION MB9BF412R Datasheet HTML 36Page - SPANSION MB9BF412R Datasheet HTML 37Page - SPANSION MB9BF412R Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B410R-DS706-00026-3v0-E
31
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
Debugger
SWCLK
Serial wire debug interface clock input pin
78
B9
93
56
SWDIO
Serial wire debug interface data input /
output pin
80
A8
95
58
SWO
Serial wire viewer output pin
81
B8
96
59
TCK
J-TAG test clock input pin
78
B9
93
56
TDI
J-TAG test data input pin
79
B11
94
57
TDO
J-TAG debug data output pin
81
B8
96
59
TMS
J-TAG test mode state input/output pin
80
A8
95
58
TRACECLK
Trace CLK output pin of ETM
86
C7
101
64
TRACED0
Trace data output pin of ETM
82
C8
97
60
TRACED1
83
D9
98
61
TRACED2
84
A7
99
62
TRACED3
85
B7
100
63
TRSTX
J-TAG test reset Input pin
77
A9
92
55
External
Bus
MAD00_0
External bus interface address bus
31
H5
36
9
MAD01_0
32
L6
37
10
MAD02_0
39
K6
44
17
MAD03_0
40
J6
45
18
MAD04_0
41
L7
46
19
MAD05_0
42
K7
47
20
MAD06_0
43
H6
48
21
MAD07_0
44
J7
49
22
MAD08_0
45
K8
50
23
MAD09_0
53
J10
63
31
MAD10_0
54
J8
64
32
MAD11_0
55
H10
65
33
MAD12_0
56
H9
66
34
MAD13_0
57
H7
67
35
MAD14_0
58
G10
68
36
MAD15_0
59
G9
69
37
MAD16_0
63
G8
73
41
MAD17_0
64
F10
74
42
MAD18_0
65
F9
75
43
MAD19_0
66
E11
76
44
MAD20_0
67
E10
77
45
MAD21_0
68
F8
78
46
MAD22_0
69
E9
79
47
MAD23_0
70
D11
80
48
MAD24_0
74
C10
89
52
MCSX0_0
External bus interface chip select output pin
88
A6
103
66
MCSX1_0
87
D7
102
65
MCSX2_0
86
C7
101
64
MCSX3_0
85
B7
100
63
MCSX4_0
83
D9
98
61
MCSX5_0
82
C8
97
60
MCSX6_0
79
B11
94
57
MCSX7_0
77
A9
92
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com