Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 19 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 19 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 15Page - SPANSION MB9BF412R Datasheet HTML 16Page - SPANSION MB9BF412R Datasheet HTML 17Page - SPANSION MB9BF412R Datasheet HTML 18Page - SPANSION MB9BF412R Datasheet HTML 19Page - SPANSION MB9BF412R Datasheet HTML 20Page - SPANSION MB9BF412R Datasheet HTML 21Page - SPANSION MB9BF412R Datasheet HTML 22Page - SPANSION MB9BF412R Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 121 page
background image
D a t a S h e e t
16
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
Pin No
Pin Name
I/O circuit
type
Pin state
type
LQFP-100
BGA-112
LQFP-120
QFP-100
9
E1
14
87
P30
E
H
AIN0_0
TIOB0_1
INT03_2
-
MADATA07_0
(100pin only)
-
-
14
-
MADATA12_0
(120pin only)
10
E2
15
88
P31
E
H
BIN0_0
TIOB1_1
SCK6_1
(SCL6_1)
INT04_2
-
MADATA08_0
(100pin only)
-
-
15
-
MADATA13_0
(120pin only)
11
E3
16
89
P32
E
H
ZIN0_0
TIOB2_1
SOT6_1
(SDA6_1)
INT05_2
-
MADATA09_0
(100pin only)
-
-
16
-
MADATA14_0
(120pin only)
12
E4
17
90
P33
E
H
INT04_0
TIOB3_1
SIN6_1
ADTG_6
-
MADATA10_0
(100pin only)
-
-
17
-
MADATA15_0
(120pin only)
13
F1
18
91
P34
E
I
FRCK0_0
TIOB4_1
TX0_1
-
MADATA11_0
(100pin only)
-
-
18
-
MNALE_0
(120pin only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com