Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 81 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 81 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 77Page - SPANSION MB9BF412R Datasheet HTML 78Page - SPANSION MB9BF412R Datasheet HTML 79Page - SPANSION MB9BF412R Datasheet HTML 80Page - SPANSION MB9BF412R Datasheet HTML 81Page - SPANSION MB9BF412R Datasheet HTML 82Page - SPANSION MB9BF412R Datasheet HTML 83Page - SPANSION MB9BF412R Datasheet HTML 84Page - SPANSION MB9BF412R Datasheet HTML 85Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 121 page
background image
D a t a S h e e t
78
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
・ Separate Bus Access Asynchronous SRAM Mode
(VCC = 2.7V to 5.5V, VSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
MOEX
Min pulse width
tOEW
MOEX
VCC ≥ 4.5 V
MCLK×n-3
-
ns
VCC < 4.5 V
MCSX ↓ → Address
output delay time
tCSL – AV
MCSX[7:0]
MAD[24:0]
VCC ≥ 4.5 V
-9
+9
ns
VCC < 4.5 V
-12
+12
MOEX ↑ →
Address hold time
tOEH - AX
MOEX
MAD[24:0]
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
MCSX ↓ →
MOEX ↓ delay time
tCSL - OEL
MOEX
MCSX[7:0]
VCC ≥ 4.5 V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m-12 MCLK×m+12
MOEX ↑ →
MCSX ↑ time
tOEH - CSH
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
MCSX ↓ →
MDQM ↓ delay time
tCSL - RDQML
MCSX
MDQM[1:0]
VCC ≥ 4.5 V
MCLK×m-9
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m-12 MCLK×m+12
Data set up →
MOEX ↑ time
tDS - OE
MOEX
MADATA[15:0]
VCC ≥ 4.5 V
20
-
ns
VCC < 4.5 V
38
-
MOEX ↑ →
Data hold time
tDH - OE
MOEX
MADATA[15:0]
VCC ≥ 4.5 V
0
-
ns
VCC < 4.5 V
MWEX
Min pulse width
tWEW
MWEX
VCC ≥ 4.5 V
MCLK×n-3
-
ns
VCC < 4.5 V
MWEX ↑ → Address
output delay time
tWEH - AX
MWEX
MAD[24:0]
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
MCSX ↓ →
MWEX ↓ delay time
tCSL - WEL
MWEX
MCSX[7:0]
VCC ≥ 4.5 V
MCLK×n-9
MCLK×n+9
ns
VCC < 4.5 V
MCLK×n-12
MCLK×n+12
MWEX ↑ →
MCSX ↑ delay time
tWEH - CSH
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
MCSX ↓→
MDQM ↓ delay time
tCSL-WDQML
MCSX
MDQM[1:0]
VCC ≥ 4.5 V
MCLK×n-9
MCLK×n+9
ns
VCC < 4.5 V
MCLK×n-12
MCLK×n+12
MCSX ↓→
Data output time
tCSL - DV
MCSX
MADATA[15:0]
VCC ≥ 4.5 V
MCLK-9
MCLK+9
ns
VCC < 4.5 V
MCLK-12
MCLK+12
MWEX ↑ →
Data hold time
tWEH - DX
MWEX
MADATA[15:0]
VCC ≥ 4.5 V
0
MCLK×m+9
ns
VCC < 4.5 V
MCLK×m+12
Note: When the external load capacitance = 30 pF. (m = 0 to 15, n = 1 to 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com