Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 47 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 47 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 43Page - SPANSION MB9BF412R Datasheet HTML 44Page - SPANSION MB9BF412R Datasheet HTML 45Page - SPANSION MB9BF412R Datasheet HTML 46Page - SPANSION MB9BF412R Datasheet HTML 47Page - SPANSION MB9BF412R Datasheet HTML 48Page - SPANSION MB9BF412R Datasheet HTML 49Page - SPANSION MB9BF412R Datasheet HTML 50Page - SPANSION MB9BF412R Datasheet HTML 51Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
D a t a S h e e t
44
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
Module
Pin name
Function
Pin No
LQFP-
100
BGA-
112
LQFP-
120
QFP-
100
RESET
INITX
External Reset Input pin.
A reset is valid when INITX="L".
38
K4
43
16
Mode
MD0
Mode 0 pin.
During normal operation, MD0="L" must be
input. During serial programming to Flash
memory, MD0="H" must be input.
47
L8
57
25
MD1
Mode 1 pin.
During serial programming to Flash memory,
MD1="L" must be input.
46
K9
56
24
POWER
VCC
Power supply Pin
1
B1
1
79
VCC
Power supply Pin
26
J1
31
4
VCC
Power supply Pin
35
K1
40
13
VCC
Power supply Pin
51
K11
61
29
VCC
Power supply Pin
76
A10
91
54
VCC
Power supply Pin
97
A4
117
75
GND
VSS
GND Pin
-
B2
-
VSS
GND Pin
25
L1
30
3
VSS
GND Pin
-
K2
-
VSS
GND Pin
-
J3
-
VSS
GND Pin
-
H4
-
VSS
GND Pin
34
L4
39
12
VSS
GND Pin
50
L11
60
28
VSS
GND Pin
-
K10
-
VSS
GND Pin
-
J9
-
VSS
GND Pin
-
H8
-
VSS
GND Pin
-
B10
-
VSS
GND Pin
-
C9
-
VSS
GND Pin
75
A11
90
53
VSS
GND Pin
-
D8
-
VSS
GND Pin
-
D4
-
VSS
GND Pin
-
C3
-
VSS
GND Pin
100
A1
120
78
CLOCK
X0
Main clock (oscillation) input pin
48
L9
58
26
X0A
Sub clock (oscillation) input pin
36
L3
41
14
X1
Main clock (oscillation) I/O pin
49
L10
59
27
X1A
Sub clock (oscillation) I/O pin
37
K3
42
15
CROUT_0
Built-in high-speed CR-osc clock output port
74
C10
89
52
CROUT_1
92
B5
107
70
Analog
POWER
AVCC
A/D converter analog power pin
60
H11
70
38
AVRH
A/D converter analog reference voltage input
pin
61
F11
71
39
Analog
GND
AVSS
A/D converter GND pin
62
G11
72
40
C pin
C
Power stabilization capacity pin
33
L2
38
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com