Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 67 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 67 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 63Page - SPANSION MB9BF412R Datasheet HTML 64Page - SPANSION MB9BF412R Datasheet HTML 65Page - SPANSION MB9BF412R Datasheet HTML 66Page - SPANSION MB9BF412R Datasheet HTML 67Page - SPANSION MB9BF412R Datasheet HTML 68Page - SPANSION MB9BF412R Datasheet HTML 69Page - SPANSION MB9BF412R Datasheet HTML 70Page - SPANSION MB9BF412R Datasheet HTML 71Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 121 page
background image
D a t a S h e e t
64
MB9B410R-DS706-00026-3v0-E, March 11, 2015
CONFIDENTIAL
Pin
status
type
Function group
Power-on reset
or low-voltage
detection state
INITX input
state
Device
internal reset
state
Run mode or
sleep mode
state
Timer mode or sleep mode
state
Power supply
unstable
Power supply stable
Power supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
K
Analog input
selected
Hi-Z
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
GPIO selected,
or other than
above resource
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
L
External interrupt
enabled selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Maintain
previous
state
Analog input
selected
Hi-Z
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
Hi-Z/
Internal
input fixed
at "0"/
Analog
input
enabled
GPIO selected,
or other than
above resource
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
M
GPIO selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
Sub crystal
oscillator input
pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com