Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 6 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 6 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 2Page - SPANSION MB9BF412R Datasheet HTML 3Page - SPANSION MB9BF412R Datasheet HTML 4Page - SPANSION MB9BF412R Datasheet HTML 5Page - SPANSION MB9BF412R Datasheet HTML 6Page - SPANSION MB9BF412R Datasheet HTML 7Page - SPANSION MB9BF412R Datasheet HTML 8Page - SPANSION MB9BF412R Datasheet HTML 9Page - SPANSION MB9BF412R Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B410R-DS706-00026-3v0-E
3
CONFIDENTIAL
 CAN Interface (Max two channels)
・ Compatible with CAN Specification 2.0A/B
・ Maximum transfer rate: 1 Mbps
・ Built-in 32 message buffer
 Multi-function Serial Interface (Max eight channels)
・ 4 channels with 16 steps×9-bit FIFO (ch.4 to ch.7), 4 channels without FIFO (ch.0 to ch.3)
・ Operation mode is selectable from the followings for each channel.
・ UART
・ CSIO
・ LIN
・ I2C
[UART]
・ Full-duplex double buffer
・ Selection with or without parity supported
・ Built-in dedicated baud rate generator
・ External clock available as a serial clock
・ Hardware Flow control : Automatically control the transmission by CTS/RTS (only ch.4)
・ Various error detect functions available (parity errors, framing errors, and overrun errors)
[CSIO]
・ Full-duplex double buffer
・ Built-in dedicated baud rate generator
・ Overrun error detect function available
[LIN]
・ LIN protocol Rev.2.1 supported
・ Full-duplex double buffer
・ Master/Slave mode supported
・ LIN break field generate (can be changed 13 to 16-bit length)
・ LIN break delimiter generate (can be changed 1 to 4-bit length)
・ Various error detect functions available (parity errors, framing errors, and overrun errors)
[I
2C]
Standard-mode (Max 100 kbps) / Fast-mode (Max 400kbps) supported
 DMA Controller (Eight channels)
DMA Controller has an independent bus for CPU, so CPU and DMA Controller can process simultaneously.
・ 8 independently configured and operated channels
・ Transfer can be started by software or request from the built-in peripherals
・ Transfer address area: 32-bit (4 Gbyte)
・ Transfer mode: Block transfer/Burst transfer/Demand transfer
・ Transfer data type: byte/half-word/word
・ Transfer block count: 1 to 16
・ Number of transfers: 1 to 65536
 A/D Converter (Max 16 channels)
[12-bit A/D Converter]
・ Successive Approximation Register type
・ Built-in 3 unit
・ Conversion time: 1.0 μs @ 5 V
・ Priority conversion available (priority at 2 levels)
・ Scanning conversion mode
・ Built-in FIFO for conversion data storage (for SCAN conversion: 16steps, for Priority conversion:
4steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com