Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9BF412R Datasheet(PDF) 64 Page - SPANSION

Part # MB9BF412R
Description  This document states the current technical specifications regarding
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9BF412R Datasheet(HTML) 64 Page - SPANSION

Back Button MB9BF412R Datasheet HTML 60Page - SPANSION MB9BF412R Datasheet HTML 61Page - SPANSION MB9BF412R Datasheet HTML 62Page - SPANSION MB9BF412R Datasheet HTML 63Page - SPANSION MB9BF412R Datasheet HTML 64Page - SPANSION MB9BF412R Datasheet HTML 65Page - SPANSION MB9BF412R Datasheet HTML 66Page - SPANSION MB9BF412R Datasheet HTML 67Page - SPANSION MB9BF412R Datasheet HTML 68Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
D a t a S h e e t
March 11, 2015, MB9B410R-DS706-00026-3v0-E
61
CONFIDENTIAL
 Pin Status in Each CPU State
The terms used for pin status have the following meanings.
・ INITX=0
This is the period when the INITX pin is the "L" level.
・ INITX=1
This is the period when the INITX pin is the "H" level.
・ SPL=0
This is the status that standby pin level setting bit (SPL) in standby mode control register (STB_CTL) is
set to "0".
・ SPL=1
This is the status that standby pin level setting bit (SPL) in standby mode control register (STB_CTL) is
set to "1".
・ Input enabled
Indicates that the input function can be used.
・ Internal input fixed at "0"
This is the status that the input function cannot be used. Internal input is fixed at "L".
・ Hi-Z
Indicates that the output drive transistor is disabled and the pin is put in the Hi-Z state.
・ Setting disabled
Indicates that the setting is disabled.
・ Maintain previous state
Maintains the state that was immediately prior to entering the current mode.
If a built-in peripheral function is operating, the output follows the peripheral function.
If the pin is being used as a port, that output is maintained.
・ Analog input is enabled
Indicates that the analog input is enabled.
・ Trace output
Indicates that the trace function can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com